Part Number Hot Search : 
TDA3616 KA78L15A 63D39 C74UL0 MLN1033S 74ACT245 1N541 PD4M441L
Product Description
Full Text Search
 

To Download NTE317 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE317 Silicon NPN Transistor RF Power Output
Description: The NTE317 is a 12.5V epitaxial silicon NPN planar transistor designed primarily for HF communications. This device utilizes improved metallization systems to achieve extreme ruggedness under severe operating conditions. Features: D 70W Minimum with Greater than 13.5dB Gain D Withstands Severe Mismatch under Operating Conditions D Emitter Ballasted D Low Inductance Stripline Package Absolute Maximum Ratings: Collector Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36V Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4V Maximum Collector Current, IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15A Total Device Dissipation (+25C), PT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220W Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.8C/W Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +200C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +200C Electrical Characteristics:
Parameter Symbol Test Conditions Min 18 36 4 - 10 200 - 70 Typ - - - - - - 300 - Max - - - 3 - - - - - MHz pF W dB Unit V V V mA Collector-Emitter Breakdown Voltage V(BR)CEO IC = 50mA, IB = 0, Note 1 Collector-Emitter Breakdown Voltage V(BR)CES IC = 20mA, VBE = 0, Note 1 Emitter-Base Breakdown Voltage Collector Cut-Off Current DC Current Gain Gain Bandwidth Output Capacitance Amplifier Power Out Amplifier Power Gain V(BR)EBO IE = 5mA, IC = 0 ICBO hFE ft Cob PO Pg VCB = 15V, IE = 0 VCE = 5V, IC = 5A VCE = 13.5V, IC = 100mA VCB = 12.5V, IC = 0, -FO = 1.0MHz 30MHz/12.5V
13.5 14.2
Note 1. Pulsed through 25mH Inductor
.725 (18.42)
.127 (3.17) Dia (2 Holes) C
E .250 (6.35) B .225 (5.72)
E
1.061 (26.95)
Ceramic Cap .480 (12.1) Dia
.260 (6.6)
.065 (1.68)
.975 (24.77)
.095 (2.42)


▲Up To Search▲   

 
Price & Availability of NTE317

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X